Part Number Hot Search : 
ER106 AQZ102D TGT20 2SB64 TZ630N EF9365 EF9365 TPC6108
Product Description
Full Text Search
 

To Download SS110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Certificate TH97/10561QM
Certificate TW00/17276EM
SS12 - SS110
PRV : 20 - 100 Volts IO : 1.0 Ampere
FEATURES :
* * * * * * * * High current capability High surge current capability High reliability High efficiency Low power loss Low forward voltage drop Low cost Pb / RoHS Free
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SMA
1.3 0.2 5.4 0.2 4.4 0.2 2.3 0.2
1.8 0.2 2.7 0.2
MECHANICAL DATA :
* Case : SMA Molded plastic * Epoxy : UL94V-O rate flame retardant * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.060 gram (Approximately)
1.8 0.2
Dimensions in millimeter
Rating at 25 C ambient temperature unless otherwise specifie. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current See Fig.1
SYMBOL SS12 SS13 SS14 SS15 SS16 SS18 SS19 SS110 UNIT
VRRM VRMS VDC IF(AV) IFSM 20 14 20 30 21 30 40 28 40 50 35 50 1.0 60 42 60 80 56 80 90 63 90 100 70 100 V V V A
Maximum Peak Forward Surge Current, 8.3ms single half sine wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at I F = 1.0 A Maximum Reverse Current at Rated DC Blocking Voltage
(1) (2)
40
A
VF IR IR(H) RJL TJ TSTG
0.50
0.75 0.5
0.80
V mA
Ta = 25 C Ta = 100 C
10 35 - 65 to + 125
5.0
mA C/W C C
Typical Thermal Resistance
Operating Junction Temperature Range Storage Temperature Range
Notes: (1) Pulse Test : Pulse Width = 300 s, Duty Cycle = 2%.
- 65 to + 150 - 65 to + 150
(2) Mounted on P.C. Board with 5.0 mm 2 (0.013mm thick) copper pad areas.
Page 1 of 2
Rev. 04 : October 27, 2006
Certificate TH97/10561QM
Certificate TW00/17276EM
RATING AND CHARACTERISTIC CURVES ( SS12 - SS110 )
FIG.1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES
1.25
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
50
1.00
PEAK FORWARD SURGE CURRENT, AMPERES
125 150 175
40
0.75
SS12 - SS14 SS15 - SS110
30
0.50 P.C.B. Mounted on 0.2 x 0.2" (5.0 x 5.0mm) Copper Pad Areas
20
0.25
10
0 0 25 50 75 100
0 1 2 4 6 10 20 40 60 100
LEAD TEMPERATURE, (C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
20
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
10
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
TJ= 100 C
1.0
SS12 - SS14 SS15 - SS16 SS18 - SS110 1.0
0.1
TJ = 25 C
TJ = 25 C PULSE WIDTH = 300s DUTY CYCLE = 2% 0.1 0.1
0.01 0 20 40 60 80 100 120 140
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
PERCENT OF RATED REVERSE VOLTAGE, (%)
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 04 : October 27, 2006


▲Up To Search▲   

 
Price & Availability of SS110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X